|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA Freescale Semiconductor, Inc. SEMICONDUCTOR TECHNICAL DATA Order this document by MHW1244/D The RF Line Features * * * * CATV Amplifier Module Specified for 12-, 22- and 26-Channel Loading Excellent Distortion Performance Superior Gain, Return Loss and DC Current Stability over Temperature Capable of Handling Multiple Channels in the Return Path with Good Distortion Performance * Silicon Bipolar Transistor Technology * Unconditionally Stable Under All Load Conditions MHW1244 5-200 MHz, 24.0 dB 26-CHANNEL CATV HIGH-SPLIT REVERSE AMPLIFIER Applications Freescale Semiconductor, Inc... * CATV Systems Operating in the 5 to 200 MHz Frequency Range * Designed for Broadband Applications Requiring Low Distortion Characteristics * Specified for Use as a Return Path Amplifier for Low-, Mid- and High-Split 2-Way Cable TV Systems Description * 24 Vdc Supply, 5 to 200 MHz, CATV Reverse Amplifier CASE 1302-01, STYLE 1 MAXIMUM RATINGS Rating RF Voltage Input (Single Tone) DC Supply Voltage Operating Case Temperature Range Storage Temperature Range Symbol Vin VCC TC Tstg Value +65 +28 -20 to +100 -40 to +100 Unit dBmV Vdc C C ELECTRICAL CHARACTERISTICS (VCC = 24 Vdc, TC = +30C, 75 W system) Characteristic Power Gain @ 10 MHz Frequency Range (Response/Return Loss) (1) Cable Slope Equivalent (5.0-200 MHz) Gain Flatness (5.0-200 MHz) Input/Output Return Loss (5.0-200 MHz) (1) Cross Modulation Distortion @ +50 dBmV per ch. 12-Channel FLAT (5.0-120 MHz) 22-Channel FLAT (5.0-175 MHz) (2) (3) 26-Channel FLAT (5.0-200 MHz) Symbol Gp BW S GF IRL/ORL XMD12 XMD22 XMD26 MHW1244 24.0 $ 0.5 5.0-200 -0.2 Min/+0.8 Max 0.2 Max 18.0 Min -66 Typ -61 Max -61 Typ Units dB MHz dB dB dB dBc dBc dBc NOTES: 1. Response and return loss characteristics are tested and guaranteed for the full 5.0-200 MHz frequency range. 2. Motorola 100% distortion and noise figure testing is performed over the 5.0-175 MHz frequency range. Cross modulation and composite triple beat testing are with 22-channel loading; Video carriers used are: T7-T13 7.0-43.0 MHz 7-Channels 2-6 55.25-83.25 MHz 5-Channels A-7 121.25-175.25 MHz 10-Channels 3. Video carriers used for 12-Channel typical performances are T7-6; For 26-Channel typical performance, Channels 8, 9, 10 and 11 are added to the 22-Channel carriers listed above. REV 1 MOTOROLA RF Motorola, Inc. 2002 DEVICE DATA For More Information On This Product, Go to: www.freescale.com MHW1244 1 Freescale Semiconductor, Inc. ELECTRICAL CHARACTERISTICS -- continued (VCC = 24 Vdc, TC = +30C, 75 W system) Characteristic Composite Triple Beat Distortion @ +50 dBmV per ch. 22-Channel FLAT (5.0-175 MHz) (2) 26-Channel FLAT (5.0-200 MHz) (3) Individual Triple Beat Distortion @ +50 dBmV per ch. Mid-Split (5.0-120 MHz) T11, T12 and CH2 @ 123.25 MHz High-Split (5.0-175 MHz) T13, CH2 and CH5 @ 175.5 MHz Second Order Distortion @ +50 dBmV per ch. High-Split (5.0-175 MHz) CH2, CHA @ 176.5 MHz Noise Figure High-Split (5.0-175 MHz) (2) DC Current NOTES: 1. Response and return loss characteristics are tested and guaranteed for the full 5.0-200 MHz frequency range. 2. Motorola 100% distortion and noise figure testing is performed over the 5.0-175 MHz frequency range. Cross modulation and composite triple beat testing are with 22-channel loading; Video carriers used are: T7-T13 7.0-43.0 MHz 7-Channels 2-6 55.25-83.25 MHz 5-Channels A-7 121.25-175.25 MHz 10-Channels 3. Video carriers used for 12-Channel typical performances are T7-6; For 26-Channel typical performance, Channels 8, 9, 10 and 11 are added to the 22-Channel carriers listed above. Symbol CTB22 CTB26 TB3 TB3 IMD NF IDC MHW1244 -68 Max -67.5 Typ -87 Typ -84 Typ -72 Max 5.0 Max 210 Typ/240 Max Units dBc dBc dBc dBc dBc dB mAdc Freescale Semiconductor, Inc... MHW1244 2 For More Information On This Product, Go to: www.freescale.com MOTOROLA RF DEVICE DATA Freescale Semiconductor, Inc. NOTES Freescale Semiconductor, Inc... MOTOROLA RF DEVICE DATA For More Information On This Product, Go to: www.freescale.com MHW1244 3 Freescale Semiconductor, Inc. PACKAGE DIMENSIONS A Z A S B J V 2X Q 0.010 M TF M A M INCHES MIN MAX --1.775 --1.085 --0.840 0.015 0.021 0.465 0.510 0.300 0.325 0.100 BSC 0.156 BSC 0.315 0.355 1.000 BSC 0.165 BSC 0.100 BSC 0.148 0.168 --0.600 1.500 BSC 0.200 BSC --0.250 0.435 --0.400 BSC 0.152 0.163 0.009 0.011 MILLIMETERS MIN MAX --- 45.085 --- 27.559 --- 21.336 0.381 0.533 11.811 12.954 7.62 8.255 2.540 BSC 3.962 BSC 8.001 9.017 25.400 BSC 4.191 BSC 2.540 BSC 3.759 4.267 --15.24 38.100 BSC 5.080 BSC --6.350 11.049 --10.160 BSC 3.861 4.140 0.229 0.279 F R F L 2X 2X 6-32UNC-2B U 0.010 E M ZTA M Freescale Semiconductor, Inc... 12 3 5 789 N C E K Z W DIM A B C D E F G J K L N P Q R S U V W X Y Z X T 2X 4X G 7X D M P X TA M Y M 0.020 X 0.010 M ZTA STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8. 9. RF INPUT GROUND GROUND DELETED VDC DELETED GROUND GROUND RF OUTPUT CASE 1302-01 ISSUE B Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation, or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and the Stylized M Logo are registered in the US Patent & Trademark Office. All other product or service names are the property of their respective owners. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. E Motorola, Inc. 2002. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3-20-1, Minami-Azabu. Minato-ku, Tokyo 106-8573 Japan. 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T. Hong Kong. 852-26668334 Technical Information Center: 1-800-521-6274 HOME PAGE: http://www.motorola.com/semiconductors/ MHW1244 4 For More Information On This Product, Go to: www.freescale.com MOTOROLA RF DEVICE DATA MHW1244/D |
Price & Availability of MHW1244 |